Part Number Hot Search : 
1N6324US 33000 AD779 256TI 12F676 RN2510 9344FC TC5082
Product Description
Full Text Search
 

To Download IN74AC245DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data octal 3-state noninverting bus transceiver high-speed silicon-gate cmos in74ac245 ordering information in74ac245n plastic IN74AC245DW soic t a = -40 to 85 c for all packages the in74ac245 is identical in pinout to the ls/als245, hc/hct245. the device inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with ls/als outputs. the in74ac245 is a 3-state noninverting transceiver that is used for 2-way asynchronous communication between data buses. the device has an active-low output enable pin, which is used to place the i/o ports into high-impedance states. the direction control determines whether data flows from a to b or from b to a. ? outputs directly interf ace to cmos, nmos, and ttl ? operating voltage range: 2.0 to 6.0 v ? low input current: 1.0 a; 0.1 a @ 25 c ? high noise immunity characteristic of cmos devices ? outputs source/sink 24 ma pin assignment rev. 00 function table control inputs output enable direction operation l l data transmitted from bus b to bus a l h data transmitted from bus a to bus b h x buses isolated (high impedance state) x = don?t care logic diagram pin 20=v cc pin 10 = gnd
in74ac245 rev. 00 maximum ratings * symbol parameter value unit v cc dc supply voltage (referenced to gnd) -0.5 to +7.0 v v in dc input voltage (referenced to gnd) -0.5 to v cc +0.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input current, per pin 20 ma i out dc output sink/source current, per pin 50 ma i cc dc supply current, v cc and gnd pins 50 ma p d power dissipation in still air, plastic dip+ soic package+ 750 500 mw tstg storage temperature -65 to +150 c t l lead temperature, 1 mm from case for 10 seconds (plastic dip or soic package) 260 c * maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the reco mmended operating conditions. +derating - plastic dip: - 10 mw/ c from 65 to 125 c soic package: : - 7 mw/ c from 65 to 125 c recommended operating conditions symbol parameter min max unit v cc dc supply voltage (referenced to gnd) 2.0 6.0 v v in , v out dc input voltage, output voltage (referenced to gnd) 0 v cc v t j junction temperature (pdip) 140 c t a operating temperature, all package types -40 +85 c i oh output current - high -24 ma i ol output current - low 24 ma t r , t f input rise and fall time * (except schmitt inputs) v cc =3.0 v v cc =4.5 v v cc =5.5 v 0 0 0 150 40 25 ns/v * v in from 30% to 70% v cc this device contains protection circuitry to guard agains t damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage highe r than maximum rated voltages to this high-impedance circuit. for proper operation, v in and v out should be constrained to the range gnd (v in or v out ) v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
in74ac245 rev. 00 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed limits symbol parameter test conditions v 25 c -40 c to 85 c unit v ih minimum high- level input voltage v out =0.1 v or v cc -0.1 v 3.0 4.5 5.5 2.1 3.15 3.85 2.1 3.15 3.85 v v il maximum low - level input voltage v out =0.1 v or v cc -0.1 v 3.0 4.5 5.5 0.9 1.35 1.65 0.9 1.35 1.65 v v oh minimum high- level output voltage i out -50 a 3.0 4.5 5.5 2.9 4.4 5.4 2.9 4.4 5.4 v * v in =v ih or v il i oh =-12 ma i oh =-24 ma i oh =-24 ma 3.0 4.5 5.5 2.56 3.86 4.86 2.46 3.76 4.76 v ol maximum low- level output voltage i out 50 a 3.0 4.5 5.5 0.1 0.1 0.1 0.1 0.1 0.1 v * v in = v ih or v il i ol =12 ma i ol =24 ma i ol =24 ma 3.0 4.5 5.5 0.36 0.36 0.36 0.44 0.44 0.44 i in maximum input leakage current v in =v cc or gnd 5.5 0.1 1.0 a i oz maximum three- state leakage current v in (oe)= v ih or v il v in =v cc or gnd v out =v cc or gnd 5.5 0.6 6.0 a i old +minimum dynamic output current v old =1.65 v max 5.5 75 ma i ohd +minimum dynamic output current v ohd =3.85 v min 5.5 -75 ma i cc maximum quiescent supply current (per package) v in =v cc or gnd 5.5 8.0 80 a * all outputs loaded; thresholds on input associated with output under test. +maximum test duration 2.0 ms, one output loaded at a time. note: i in and i cc @ 3.0 v are guaranteed to be less than or equal to the respective limit @ 5.5 v v cc
in74ac245 ac electrical characteristics (c l =50pf, input t r =t f =3.0 ns) v cc * guaranteed limits symbol parameter v 25 c -40 c to 85 c unit min max min max t plh propagation delay, a to b, b to a (figure 1) 3.3 5.0 1.5 1.5 8.5 6.5 1.0 1.0 9.0 7.0 ns t phl propagation delay, a to b, b to a (figure 1) 3.3 5.0 1.5 1.5 8.5 6.0 1.0 1.0 9.0 7.0 ns t pzh propagation delay, direction or output enable to a or b (figure 2) 3.3 5.0 1.5 1.5 11.5 8.5 2.0 1.0 12.5 9.0 ns t pzl propagation delay, direction or output enable to a or b (figure 2) 3.3 5.0 2.5 1.5 12.0 9.0 2.0 1.0 13.5 9.5 ns t phz propagation delay, direction or output enable to a or b (figure 2) 3.3 5.0 2.0 1.5 12.0 9.0 1.0 1.0 12.5 10.0 ns t plz propagation delay, direction or output enable to a or b (figure 2) 3.3 5.0 2.0 1.5 11.5 9.0 1.5 1.0 13.0 10.0 ns c in maximum input capacitance 5.0 4.5 4.5 pf c out maximum three-state i/o capacitance (i/o in high-impedance state) 5.0 15 15 pf typical @25 c,v cc =5.0 v c pd power dissipation capacitance 45 pf * voltage range 3.3 v is 3.3 v 0.3 v voltage range 5.0 v is 5.0 v 0.5 v figure 1. switching waveforms figure 2. switching waveforms rev. 00
in74ac245 expanded logic diagram rev. 00
in74ac245 n suffix plastic dip (ms - 001ad) symbol min max a 24.89 26.92 b 6.1 7.11 c 5.33 d 0.36 0.56 f 1.14 1.78 g h j 0 10 k 2.92 3.81 notes: l 7.62 8.26 1. dimensions ?a?, ?b? do not include mold flash or protrusions. m 0.2 0.36 maximum mold flas h or protrus ions 0.25 mm (0.010) per s ide. n 0.38 d suffix soic (ms - 013ac) symbol min max a 12.6 13 b 7.4 7.6 c 2.35 2.65 d 0.33 0.51 f 0.4 1.27 g h notes: j 0 8 1. dimensions a and b do not include mold flash or protrusion. k 0.1 0.3 2. maximum mold flash or protrusion 0.15 mm (0.006) per side m 0.23 0.32 for a; for b ? 0.25 mm (0.010) per s ide. p 10 10.65 r 0.25 0.75 dimens ion, mm 1.27 9.53 dimens ion, mm 2.54 7.62 a b h c k c m j f m p g d r x 45 seating plane 0.25 (0.010) m t -t- 1 20 10 11 l h m j a b f g d seating plane n k 0.25 (0.010) m t -t- c 1 20 10 11 rev. 00


▲Up To Search▲   

 
Price & Availability of IN74AC245DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X